PART |
Description |
Maker |
Z0103DN5AA4 Z0109DN |
400 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
STMICROELECTRONICS
|
CQ220-10B CQ220-10D CQ220-10M CQ220-10N |
10 AMP TRIAC 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 400 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 800 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp.
|
CQ220I-16B CQ220I-16M CQ220I-16N CQ220I-16D |
ISOLATED RAB TRIAC 16 AMP 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BTA08B BTBA08-800B BTB08-400B |
Standard Triacs(标准双向可控 Transient Voltage Suppressor Diodes 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
意法半导 STMICROELECTRONICS
|
T2500NFP T2500BFP T2500DFP T2500FP T2500MFP |
SPST to 4PST Slide DIP Switches 隔震可控硅晶闸管6安培RMS00通过800 ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
Z0103NA5AL2 STMICROELECTRONICS-Z0103NA1AA2 Z0107MA |
800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
STMICROELECTRONICS
|
HNT640 HNT616 HIT625 HNT216 |
600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218
|
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
934057063135 568-2198-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
|